|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SDR803_1 - 100A, 60nsec, 50-1100 V Ultra Fast Recovery Rectifier - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SUM60UF | 400 mA 6 000 thru 9 000 VOLTS 60 ns ULTRA FAST RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDR966CTN | 60 AMP 600 - 900 Volts 80 nsec Ultra Fast Recovery Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| UFS105J | ULTRA FAST RECOVERY RECTIFIER | 1 2 | Microsemi Corporation |
| SDR943-61 | 40 AMP ULTRA FAST RECOVERY RECTIFIER 300- 600 VOLTS | 1 2 | Solid States Devices, Inc |
| UF201 | Ultra Fast Recovery Rectifier | 1 2 | List of Unclassifed Manufacturers |
| UF4001 | ULTRA FAST RECOVERY RECTIFIER | 1 2 3 4 | TAITRON Components Incorporated |
| SDR9JUF_1 | 9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDR1004UF | 100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS | 1 2 | Solid States Devices, Inc |
| UF5400 | 3.0A Ultra Fast Recovery Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| MFPH05S | Surface Mount Ultra Fast Recovery Rectifier | 1 2 3 | TAITRON Components Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|