|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SHF1104_1 - 1AMP 400-900V HYER FAST RECTIFIER - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDA276-F | 1AMP FAST RECOVERRY RECTIFIER BRIDGE ASSEMBLY | 1 2 | Solid States Devices, Inc |
| SDR429_1 | 1AMP 700V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| SHF1204 | 2AMP 400-900V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| PR6001_1 | 6.0A FAST RECOVERY RECTIFIER | 1 2 3 | Diodes Incorporated |
| ES1AE | 1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts | 1 2 3 4 | Micro Commercial Components |
| EF10C01C-G | Glass Passivated Efficient Fast Recovery Rectifier | 1 2 | Comchip Technology |
| SF10A01-G | Glass Passivated Super Fast Recovery Rectifier | 1 2 | Comchip Technology |
| SUM60F | 500 mA 6 000 thru 9 000 VOLTS 180 ns FAST RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDR520CT | 12A 28nsec 100 to 200 V Hyper Fast Center tap Rectifier | 1 2 | Solid States Devices, Inc |
| SDR1004F | 100 AMPS 400-1000 VOLTS 270 nsec FAST RECTIFIER | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|