|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CHA2066 - 10-16GHz Low Noise Amplifier - United Monolithic Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CHA2066-QAG | 10-16GHz Low Noise Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| ADN2880 | 3.2 Gbps 3.3 V Low Noise Transimpedance Amplifier | 1 2 3 4 5 More | Analog Devices |
| UPC2713T | 1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 | NEC |
| WHM2535-12AE | 2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| NE5534 | Single Low Noise Operational Amplifier | 1 2 3 4 5 More | ON Semiconductor |
| MAAMSS0003 | Low Noise CATV Amplifier 50 - 1000 MHz | 1 2 3 4 | Tyco Electronics |
| NE425S01_98 | C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET | 1 2 3 4 5 | NEC |
| LX5560 | InGaAs - E-Mode pHEMT Low Noise Amplifier | 1 2 3 4 5 More | Microsemi Corporation |
| LM833_05 | Low Noise Dual Operational Amplifier | 1 2 3 4 5 More | STMicroelectronics |
| HMC609 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2 - 4 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|