|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LC103M - EIA Class 3, Semiconductor Type Reduced Titanite Disc Ceramic Capacitors - Cornell Dubilier Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CEC010C | Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors | 1 | Cornell Dubilier Electronics |
| HV500V | Ceramic Disc Capacitors Class 1 and 2 500 V DC General Purpose | 1 2 3 4 5 More | Vishay Siliconix |
| 561R | Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized | 1 2 3 | Vishay Siliconix |
| MCBU | Ceramic Disc Capacitors | 1 2 3 4 | List of Unclassifed Manufacturers |
| ECKD3G101MDU | High Voltage Ceramic Disc Capacitors Rated 4 to 15 kVDC Temp. Char. Y5T | 1 2 | Panasonic Semiconductor |
| GE050C | Disc Ceramic Capacitors | 1 2 | Cornell Dubilier Electronics |
| MEXY2A102K | Type MEXY Class X2 and Y2/X2 Polyester Film Capacitors | 1 2 | Cornell Dubilier Electronics |
| SCY1 | Sharma Ceramic Capacitors | 1 2 3 | Sharma Electro Components,Inc |
| C410C109J1G5TA | Ceramic Leaded Capacitors | 1 2 3 4 5 More | Kemet Corporation |
| C0201C103B1GA | CERAMIC CHIP CAPACITORS | 1 2 3 4 5 More | Kemet Corporation |
Datasheet Page |
1 |
Link URL |
|
|