|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MK9-1A66C - Reed Sensor Incorporated into a Hirschmann Connector - Meder Electronic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 0813-1X1T-57-F | INTEGRATED CONNECTOR MODULES | 1 2 3 | Bel Fuse Inc. |
| 0833-2X4R-59-F | INTEGRATED CONNECTOR MODULES | 1 2 3 4 5 | Bel Fuse Inc. |
| GP2A200LCS0F | Detecting Distance : 2 to 22mm OPIC Output Refl ective Photointerrupter with Connector | 1 2 3 4 5 More | Sharp Electrionic Components |
| FCZ254-08R_06 | 2.54mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 05005HS-40EV | 0.50mm P1TCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 487952 | 1.0 mm FPC Connector Right Angle SMT Bottom Contact | 1 2 | Tyco Electronics |
| 2904-05-101 | Reed Relays | 1 2 | Coto Technology |
| RI-03 | Dry Reed Switch | 1 2 | Coto Technology |
| RI-90 | Dry Reed Switch | 1 2 | Coto Technology |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|