Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5592 Datasheet (PDF) - Analog Devices

ADL5592 Datasheet PDF - Analog Devices
Part # ADL5592
Download  ADL5592 Download

File Size   1126.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz to 2400 MHz RF Variable Gain Amplifier

ADL5592 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5592 Datasheet PDF - Analog Devices

Part # ADL5592
Download  ADL5592 Click to download

File Size   1126.03 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz to 2400 MHz RF Variable Gain Amplifier

ADL5592 Datasheet (HTML) - Analog Devices

Back Button ADL5592 Datasheet HTML 1Page - Analog Devices ADL5592 Datasheet HTML 2Page - Analog Devices ADL5592 Datasheet HTML 3Page - Analog Devices ADL5592 Datasheet HTML 4Page - Analog Devices ADL5592 Datasheet HTML 5Page - Analog Devices ADL5592 Datasheet HTML 6Page - Analog Devices ADL5592 Datasheet HTML 7Page - Analog Devices ADL5592 Datasheet HTML 8Page - Analog Devices ADL5592 Datasheet HTML 9Page - Analog Devices ADL5592 Datasheet HTML 10Page - Analog Devices Next Button 

ADL5592 Product details

GENERAL DESCRIPTION
The ADL5592 is a digitally programmable variable gain amplifier (VGA) designed for use from 250 MHz to 2400 MHz. Two digitally programmable attenuators are cascaded with a high linearity fixed-gain amplifier. The device also includes a mixer, which can be used to mix the transmitted signal into an adjacent receive band for loopback testing.

FEATURES
   Output frequency range: 250 MHz to 2400 MHz
   Noise figure: 5.7 dB at 1960 MHz
   OIP3 at 1960 MHz: 29 dBm at PIN = 0 dBm per tone
   2 digital attenuators, each with 31 dB range
   1 dB attenuation step size
   Single SPI port
   Single supply: 4.5 V to 5.5 V
   40-lead, 6 mm × 6 mm LFCSP package

APPLICATIONS
   GSM/EDGE and cellular communications systems




Similar Part No. - ADL5592

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592-EVALZ1 AD-ADL5592-EVALZ1 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592ACPZ AD-ADL5592ACPZ Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592ACPZ-R71 AD-ADL5592ACPZ-R71 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
More results


Similar Description - ADL5592

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5592ACPZ AD-ADL5592ACPZ Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
logo
NXP Semiconductors
BGA7210 PHILIPS-BGA7210 Datasheet
2Mb / 30P
   700 MHz to 3800 MHz high linearity variable gain amplifier
Rev. 2-4 January 2012
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
   500-2700 MHz Variable Gain Amplifier
logo
Teledyne Technologies I...
AGC230 TELEDYNE-AGC230 Datasheet
168Kb / 2P
   20 TO 250 MHz TO-8 GAIN CONTROL AMPLIFIER
logo
M/A-COM Technology Solu...
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Tyco Electronics
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
A35-1 MACOM-A35-1 Datasheet
357Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
   2 TO 2400 MHz CASCADABLE AMPLIFIER
logo
Analog Devices
AD8330 AD-AD8330_06 Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com