|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD8253_08 - 10 MHz, 20 V/μs, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD8253 | 10 MHz 20 V/μs G = 1 10 100 1000 i CMOS® Programmable Gain Instrumentation Amplifier | 1 2 3 4 5 More | Analog Devices |
| AD8251_07 | 10 MHz 20 V/μs G = 1 2 4 8 i CMOS® Programmable Gain Instrumentation Amplifier | 1 2 3 4 5 More | Analog Devices |
| AD8251 | 12MHz 20V/us G=1 2 4 8 Programmable Gain iCMOS Instrumentation Amplifier | 1 2 3 4 5 More | Analog Devices |
| AM-AMC-145 | High Performance Amplifier 11dB Gain 10 - 1000 MHz | 1 2 3 | Tyco Electronics |
| AM-145 | High Performance Amplifier 11dB Gain 10 - 1000 MHz | 1 2 3 | Tyco Electronics |
| AM-160_1 | Low Noise Amplifier 28 dB Gain 100 - 600 MHz | 1 2 3 | Tyco Electronics |
| AM-155 | High Dynamic Range Amplifier 12.5dB Gain 300 - 1000 MHz | 1 2 3 | Tyco Electronics |
| AM-162 | Low Noise Amplifier 12.5 dB Gain 10 - 100 MHz | 1 2 3 | Tyco Electronics |
| AM-176 | Cascadable Thin Film Amplifier 13 dB Gain 5 - 1000 MHz | 1 2 3 | Tyco Electronics |
| AM-177_1 | Cascadable Thin Film Amplifier 12 dB Gain 10 - 1000 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 |
Link URL |
|
|