|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TPS61085 - 650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TPS61087 | 650 kHz/1.2 MHz 18.5 V STEP-UP DC-DC CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| MAX8752 | TFT LCD Step-Up DC-DC Converter | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX17062 | TFT-LCD Step-Up DC-DC Converter | 1 2 3 4 5 More | Maxim Integrated Products |
| TB62731FUG | Step-up DC-DC Converter for White LED Driver | 1 2 3 4 5 More | Toshiba Semiconductor |
| MAX1760_07 | 0.8A Low-Noise 1MHz Step-Up DC-DC Converter | 1 2 3 4 5 More | Maxim Integrated Products |
| AP3015 | MICRO POWER STEP-UP DC-DC CONVERTER | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| KB2301 | Step-Up DC-DC Converter | 1 2 3 4 5 More | Kingbor Technology Co |
| YB1506 | Step-up DC-DC Converter White LED Driver | 1 2 3 4 5 More | YOBON TECHNOLOGIES,INC. |
| AP3012 | 1.5MHz STEP-UP DC-DC CONVERTER | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| AS1323 | 1.6uA Quiescent Current Single Cell DC-DC Step-Up Converter | 1 2 3 4 5 More | austriamicrosystems AG |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 |
Link URL |
|
|