![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
D10NF10 - N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET¢â II POWER MOSFET - STMicroelectronics |
|
Click Here View D10NF10 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STB80NF10 | N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET | STMicroelectronics |
| STSJ25NF3LL | N-CHANNEL 30V - 0.0085OHM-25A PowerSO-8TM LOW GATE CHARGE STripFET TM II POWER MOSFET | STMicroelectronics |
| UF640 | 18 A 200 V 0.18 OHM N-CHANNEL POWER MOSFET | Unisonic Technologies |
| STW12NK90Z | N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET | STMicroelectronics |
| 2N6784 | 2.25A 200V 1.500 Ohm N-Channel Power MOSFET | Fairchild Semiconductor |
| BF1206F | Dual N-channel dual gate MOSFET | NXP Semiconductors |
| NUS5530MN | Integrated Power MOSFET with PNP Low VCE sat Switching Transistor | ON Semiconductor |
| 2N6796 | 100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor | ETC |
| IRL5NJ7413 | HEXFET POWER MOSFET SURFACE MOUNT SMD-0.5 30V N-CHANNEL | International Rectifier |
| ZX5T953Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
Link URL |
|
|
Related keyword |
| D10NF10 Datasheet | D10NF10 Cross Reference | D10NF10 Schematic | D10NF10 Distributor | D10NF10 Datenblatt | D10NF10 RoHS |
| D10NF10 Equivalent | D10NF10 Application Notes | D10NF10 Data Sheet | D10NF10 component | D10NF10 Fiche Technique | D10NF10 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |