|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
THV308 - 0.35A High Voltage Rectifier Assembly - TAITRON Components Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| JHV21 | HIGH VOLTAGE RECTIFIER ASSEMBLY | 1 2 | Microsemi Corporation |
| JHV34 | HIGH VOLTAGE RECTIFIER ASSEMBLY | 1 2 | Microsemi Corporation |
| JHV36 | HIGH VOLTAGE RECTIFIER ASSEMBLY | 1 2 | Microsemi Corporation |
| JHV37 | HIGH VOLTAGE RECTIFIER ASSEMBLY | 1 2 | Microsemi Corporation |
| LHV43 | HIGH VOLTAGE RECTIFIER ASSEMBLY | 1 2 | Microsemi Corporation |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | 1 2 3 4 5 | ON Semiconductor |
| STPS80H100CY | HIGH VOLTAGE POWER SCHOTTKY RECTIFIER | 1 2 3 4 | STMicroelectronics |
| STTH30L06_06 | Turbo 2 ultrafast high voltage rectifier | 1 2 3 4 5 More | STMicroelectronics |
| SB170_1 | 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| STTH112_07 | High voltage ultrafast rectifier | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|