|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XC1900A-10 - 10 dB Directional Coupler - Anaren Microwave |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DC16-73 | Directional Coupler 0.3-2.7 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
| 1P520S | Pico Xinger 20dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| XC1500A-20S | 20dB Directional Coupler | 1 2 | Anaren Microwave |
| MACPCT0014 | 8dB Directional coupler 50 Ohms 50 - 870 MHz | 1 2 3 4 | Tyco Electronics |
| 1P610S | Pico Xinger 10dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| XC1900A-05 | 5 dB Directional Coupler | 1 2 3 4 5 More | Anaren Microwave |
| 1P620 | Pico Xinger 20dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| 1P620S | Pico Xinger 20dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| 1P610 | Pico Xinger 10dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| ZFDC-10-1 | Directional Coupler | 1 | Mini-Circuits |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 |
Link URL |
|
|