|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TB152 - 15.0A Single-Phase Bridge Rectifier - TAITRON Components Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TB1505 | 15.0A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| MMB1505 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| B40C1500_06 | 1.5A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC10 | 10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBJ15A_06 | 15A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBPC25P | 25A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBPC800G_06 | 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| RB150_06 | 1.5A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| DBG150G | Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier | 1 2 3 | Sanyo Semicon Device |
| MB1505G | 15A Single-Phase Glass Passivated Bridge Rectifier | 1 2 3 4 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|