![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
3A412 - Balun Transformers 50 to 12.5 Balanced - Anaren Microwave |
|
Click Here View 3A412 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 3A325 | Xinger Balun 50¥Ø to 25¥Ø Balanced | Anaren Microwave |
| DS80EP100 | 5 to 12.5 Gbps Power-Saver Equalizer for Backplanes and Cables | National Semiconductor |
| EMD40-900L_1 | E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz | Tyco Electronics |
| MA4EXP190H-1225 | Silicon Double Balanced HMIC Mixer 2000 - 2300 MHz | Tyco Electronics |
| 73126 | Mixers Double Balanced | Anaren Microwave |
| HM33 | Current Sense Surface Mount Transformers | ETC |
| 8020 | T1/E1 Extended Temperature Range SMD Single Transformers | Filtran LTD |
| B78510P1365A005 | ISDN Transformers | EPCOS |
| B78388P1334A005 | ISDN/x/DSL Transformers | EPCOS |
| B78421P1624A005 | xDSL Transformers S H DSL Interface | EPCOS |
Link URL |
|
|
Related keyword |
| 3A412 Datasheet | 3A412 Cross Reference | 3A412 Schematic | 3A412 Distributor | 3A412 Datenblatt | 3A412 RoHS |
| 3A412 Equivalent | 3A412 Application Notes | 3A412 Data Sheet | 3A412 component | 3A412 Fiche Technique | 3A412 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |