|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1M810 - Micro Xinger 10dB Directional Coupler - Anaren Microwave |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1M710 | Micro Xinger 10dB Directional Coupler | 1 2 3 | Anaren Microwave |
| 1P510 | PICO XINGER 10dB DIRECTIONAL COUPLER | 1 2 3 4 | Anaren Microwave |
| ZX30-20-4 | Coaxial Directional Coupler | 1 | Mini-Circuits |
| SC-4B | DIRECTIONAL COUPLER SURFACE MOUNT MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| DC08-73 | Directional Coupler 0.3-2.7 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
| SDC-C7 | DIRECTIONAL COUPLER MODEL | 1 2 | SYNERGY MICROWAVE CORPORATION |
| DC09-73 | Directional Coupler 0.81-0.96 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
| ADC-6-13 | Surface Mount Directional Coupler | 1 | Mini-Circuits |
| MACPCT0039 | Broadband CATV 10dB Coupler 5-1000 MHz | 1 2 3 | Tyco Electronics |
| MACP-008249-CH09B0 | 17dB Directional Coupler 5-120 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|