|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GXO-3332 - 2.5~3.3V Tight Stability Oscillator - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ASFLT | TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| F4100 | 3.3V HCMOS Tight Stability SMD Oscillator | 1 2 | Fox Electronics |
| ASET | TIGHT STABILITY INDUSTRIAL GRADE OSCILLATOR | 1 2 | Abracon Corporation |
| GXO-3202 | HIGH STABILITY CMOS OSCILLATOR | 1 2 | Golledge Electronics Ltd |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| GXO-U100 | 5V OSCILLATOR | 1 | Golledge Electronics Ltd |
| XQ1006-BD | 14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator | 1 2 3 4 5 | Mimix Broadband |
| M210X_07 | 5x7 mm 3.3/2.5/1.8 Volt LVPECL/LVDS/CML Clock Oscillator | 1 2 3 | MTRONPTI |
| CLV0769E-LF | VOLTAGE CONTROLLED OSCILLATOR | 1 2 | Z-Communications, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|