|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GVXO-331 - 1.8 ~ 3.3V VCXO - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FVXO-HC73 | HCMOS 7 x 5mm 3.3V VCXO | 1 2 3 4 5 More | Fox Electronics |
| GVXO-513 | 3.3V VCXO | 1 | Golledge Electronics Ltd |
| CDCE949 | Programmable 4-PLL VCXO Clock Synthesizer with 1.8V 2.5V and 3.3V LVCMOS Outputs | 1 2 3 4 5 More | Texas Instruments |
| FVXO-HC53 | HCMOS 5 x 3.2mm 3.3V VCXO | 1 2 3 4 5 More | Fox Electronics |
| FVS25AXT | 3.3V LOW PROFILE SMD VCXO | 1 | Fox Electronics |
| CVHD-931 | 9X14 mm SMD 3.3V CMOS High Performance CMOS VCXO | 1 2 | Crystek Corporation |
| CVHD-956 | HCMOS/TTL VCXO with Enable/Disable 9X14 mm SMD 3.3V HCMOS/TTL | 1 2 | Crystek Corporation |
| NB3N508S_06 | 3.3V 216 MHz PureEdge VCXO Clock Generator with M−LVDS Output | 1 2 3 4 5 More | ON Semiconductor |
| ST1317BA | 3.3V CMOS Ultra-Low Jitter Voltage Control VCXO | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| CVPD-940 | Differential LVPECL VCXO 9X14 mm SMD 3.3V LVPECL | 1 2 | Crystek Corporation |
Datasheet Page |
1 |
Link URL |
|
|