|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
VAC100A48FT - 14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator - ETC |
|
Click VAC100A48FT to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | MTRONPTI |
| CVXO-014014S | Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip 5V HCMOS/TTL | Crystek Corporation |
| CXOH | Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip 3.3V & 5V HCMOS/TTL | Crystek Corporation |
| CXOHD | Temperature Compensated Crystal Oscillator 6 Pin SMD 3.3V & 5V HCMOS/TTL | Crystek Corporation |
| CXOHV8 | Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic 14 Pin Dip 3.3V & 5V HCMOS/TTL | Crystek Corporation |
| MHO+ | 14 pin DIP 5.0 Volt HCMOS/TTL Clock Oscillator | MTRONPTI |
| MHO3 | 14 pin DIP 3.3 Volt HCMOS/TTL Clock Oscillator | MTRONPTI |
| CCO-014014S | 8 & 14 Pin Dip 5V HCMOS/TTL Clock Oscillator | Crystek Corporation |
| M113FAN | 5x7 mm 5.0 Volt HCMOS/TTL Clock Oscillator | MTRONPTI |
| XO5160_07 | 14 pin DIP 5.0 Volt HCMOS/TTL OCXO | MTRONPTI |
Link URL |
|
|
Related keyword |
| VAC100A48FT Datasheet | VAC100A48FT Cross Reference | VAC100A48FT Schematic | VAC100A48FT Distributor | VAC100A48FT Datenblatt | VAC100A48FT RoHS |
| VAC100A48FT Equivalent | VAC100A48FT Application Notes | VAC100A48FT Data Sheet | VAC100A48FT component | VAC100A48FT Fiche Technique | VAC100A48FT Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |