|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STA5150 - 200W MONO BASH POWER AMPLIFIER - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STA5100 | 140W MONO BASH POWER AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| TPA2001D1 | 1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| TPA6211A1 | 3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| TPA4860 | 1-W MONO AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| TPA2010D1 | 2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| TPA0243 | 2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE | 1 2 3 4 5 More | Texas Instruments |
| MS6853 | Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation Pop Noise Free | 1 2 3 4 5 More | MOSA ELECTRONICS |
| TK2150 | STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY | 1 2 3 4 5 More | Tripath Technology Inc. |
| TDA7050 | Low voltage mono/stereo power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| STA530 | 4 X 50W STEREO BASH POWER AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|