|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S2AA - 1.5A Surface Mount Rectifier - TAITRON Components Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RS2A_1 | 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER | 1 2 3 | Diodes Incorporated |
| S2A_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| DF15005S_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| ACSA04-41SURKWA-F01 | SURFACE MOUNT DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| DF150S_06 | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| RS2A | 1.5A Surface Mount Fast Recovery Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| S2A | 1.5A Surface Mount Rectifier | 1 2 3 4 5 | TAITRON Components Incorporated |
| MBR130T1_05 | Surface Mount Schottky Power Rectifier | 1 2 3 4 | ON Semiconductor |
| ES3A_ | 3.0A SURFACE MOUNT SUPER-FAST RECTIFIER | 1 2 3 | Diodes Incorporated |
| B130L_1 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|