|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ST93C46A - 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ST93C56 | 2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| ST93CS56 | 2K 128 x 16 SERIAL MICROWIRE EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| M34C00 | 3 x 128 bit Serial I²C Bus EEPROM For ee-Tags | 1 2 3 4 5 More | STMicroelectronics |
| 93C66A | 4K 5.0V Automotive Temperature Microwire Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| 93C76 | 8K/16K 5.0V Microwire Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| 93AA86A | 16K Microwire Compatible Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| 93LC46 | 1K/2K/4K 2.0V Microwire Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| 93AA66A | 4K Microwire Compatible Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| M93S66 | 4Kbit 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|