|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
F4109 - 3.3V, HCMOS, Tight Stability, SMD Oscillator - Fox Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| F4200 | 3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY | 1 | Fox Electronics |
| F530L | 3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY | 1 | List of Unclassifed Manufacturers |
| CVXO-018T | Voltage Controlled Crystal Oscillator 5X7 mm SMD 3.3V HCMOS | 1 | Crystek Corporation |
| CSO-018T | Clock Oscillator 5X7 mm SMD 3.3V HCMOS | 1 | Crystek Corporation |
| F4300 | HCMOS 7.5x5mm 2.85V SMD Oscillator | 1 2 | Fox Electronics |
| CF33XX | 9x14 mm SMD 3.3V CMOS Clock Oscillator | 1 | Crystek Corporation |
| CVS575 | Voltage Controlled SAW Oscillator 3.3V LVPECL 5x7.5mm SMD | 1 2 | Crystek Corporation |
| F4101 | 5.0V HCMOS SMD OSCILLATOR WITH STANDBY | 1 | Fox Electronics |
| ASFLT | TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|