|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
F4200 - 3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY - Fox Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| F530L | 3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY | 1 | List of Unclassifed Manufacturers |
| CFS33XX | Clock Oscillator With Standby Mode 9x14 mm SMD 3.3V CMOS | 1 | Crystek Corporation |
| CVXO-018T | Voltage Controlled Crystal Oscillator 5X7 mm SMD 3.3V HCMOS | 1 | Crystek Corporation |
| ALVD | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 3 | Abracon Corporation |
| CSO-018T | Clock Oscillator 5X7 mm SMD 3.3V HCMOS | 1 | Crystek Corporation |
| ABNM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 | Abracon Corporation |
| ASPE | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 | Abracon Corporation |
| ABVFM | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 2 | Abracon Corporation |
| F4400 | HCMOS 7.5x5mm 2.5V SMD Oscillator | 1 2 | Fox Electronics |
Datasheet Page |
1 |
Link URL |
|
|