|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
FEG - Glass Seal SMD Crystal - Fox Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FQAG | Ceramic SMD Glass Seal Crystal | 1 2 | Fox Electronics |
| ABM63C | AT-CUT LOW COST CERAMIC SMD CRYSTAL | 1 2 | Abracon Corporation |
| ASPE | CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL | 1 | Abracon Corporation |
| QESM052 | SMD 5.0x3.2 Crystal - Ceramic SMD 2 pads packaged | 1 2 3 4 | TEMEX |
| AXX2016 | Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant | 1 2 | Advanced XTAL Products |
| ACT7CSV-6 | 6-pad miniature SMD Voltage Controlled Crystal Oscillators VCXO | 1 2 3 | Advanced Crystal Technology |
| ACT421LCSMX-4 | 4 pad high quality low aging SMD Crystal | 1 2 | Advanced Crystal Technology |
| CVPD-914 | Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD 3.3V LVPECL | 1 | Crystek Corporation |
| CXOHD | Temperature Compensated Crystal Oscillator 6 Pin SMD 3.3V & 5V HCMOS/TTL | 1 | Crystek Corporation |
| FK10000 | TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL | 1 | Fox Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|