|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MB2S - 0.5A Surface Mount Bridge Rectifier - TAITRON Components Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B1S_06 | 0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| RH02_1 | 0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBR05U20LPS | 0.5A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| GL34A | 0.5A Surface Mount Rectifier | 1 2 3 | TAITRON Components Incorporated |
| ACSA04-41SURKWA-F01 | SURFACE MOUNT DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| DF005S_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| EMD1S | SINGLE-PHASE GLASS PASSIVATED MINI SUPER FAST SURFACE MOUNT BRIDGE RECTIFIER | 1 2 3 4 5 | Rectron Semiconductor |
| DF150S_06 | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| B0520LW_1 | 0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| DF005S_1 | 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|