Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC35-005W Datasheet (PDF) - TAITRON Components Incorporated

GBPC35-005W Datasheet PDF - TAITRON Components Incorporated
Part # GBPC35-005W
Download  GBPC35-005W Download

File Size   144.9 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 35A Glass Passivated Bridge Rectifier

GBPC35-005W Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC35-005W Datasheet PDF - TAITRON Components Incorporated

Part # GBPC35-005W
Download  GBPC35-005W Click to download

File Size   144.9 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 35A Glass Passivated Bridge Rectifier

GBPC35-005W Datasheet (HTML) - TAITRON Components Incorporated

GBPC35-005W Datasheet HTML 1Page - TAITRON Components Incorporated GBPC35-005W Datasheet HTML 2Page - TAITRON Components Incorporated GBPC35-005W Datasheet HTML 3Page - TAITRON Components Incorporated GBPC35-005W Datasheet HTML 4Page - TAITRON Components Incorporated

GBPC35-005W Product details

Features
• Glass passivated chip junction
• Integrally molded heatsink provides very low thermal
   Resistance for Maximm heat dissipation
• Universal 3-way terminals; snap-on, wire wrap-around
   Or P.C.B mounting
• Typical IR less than 0.3µA
• High forward surge current capability
• High temperature soldering guaranteed: 260˚C/10 seconds
   at 5lbs.(2.3kg) tension
• This series is UL recognized under component index,
   File number E194718
• RoHS Compliant




Similar Part No. - GBPC35-005W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GBPC35-005 TAITRON-GBPC35-005 Datasheet
152Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC35-005 TSC-GBPC35-005 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC35-005 TSC-GBPC35-005 Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Similar Description - GBPC35-005W

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBJ35005 ZSELEC-GBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC35-005 TAITRON-GBPC35-005 Datasheet
152Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005 Datasheet
70Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
GBJ3510 DIODES-GBJ3510 Datasheet
175Kb / 4P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
GBPC35005 DIODES-GBPC35005_1 Datasheet
376Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. 10 - 2
logo
Zibo Seno Electronic En...
KBJ35005 ZSELEC-KBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS35005M ZSELEC-RS35005M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS3501M ZSELEC-RS3501M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ3501G YFWDIODE-GBJ3501G Datasheet
768Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Nell Semiconductor Co.,...
MTP35W NELLSEMI-MTP35W Datasheet
396Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com