|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5337B - 5.0W Zener Diodes - TAITRON Components Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| Z5SMB5333B | 5.0W Surface Mount Zener Diodes | 1 2 3 4 5 | TAITRON Components Incorporated |
| CZRW5221B-G | Surface Mount Zener Diodes | 1 2 3 4 | Comchip Technology |
| SZ3GA7.5 | 3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| 1SMC5348_04 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 | Pan Jit International Inc. |
| BZX84C2V4W_05 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| 1N5383B_06 | Zener silicon diodes | 1 | Semikron International |
| 1N4728 | ZENER DIODES | 1 2 3 | Galaxy Semi-Conductor Holdings Limited |
| 1N4614 | 500mW Low Noise Zener Diodes | 1 2 3 4 5 | TAITRON Components Incorporated |
| 1N821_1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
| CZRW55C2V4-G | Surface Mount Zener Diodes | 1 2 3 4 | Comchip Technology |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|