|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EC23 - 1.6 mm 5.0 Vdc Ceramic Surface Mount Oscilllator - Ecliptek Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EC24 | 1.6 mm 3.0 Vdc Ceramic Surface Mount Oscilllator | 1 2 | Ecliptek Corporation |
| ASF1 | 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| ACSA04-41SURKWA-F01 | SURFACE MOUNT DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| C0603X224K3RAC | Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations | 1 2 3 4 | Kemet Corporation |
| C0402C121J5GAC | Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric | 1 2 | Kemet Corporation |
| UM9401F | CERAMIC SURFACE MOUNT PIN DIODE | 1 2 3 4 5 More | Microsemi Corporation |
| C0603C2759PAC | Surface Mount Ceramic Chip Capacitors X5R Dielectric | 1 2 | Kemet Corporation |
| C0201C100D3GAC | Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric | 1 2 | Kemet Corporation |
| ABM2 | CERAMIC SURFACE MOUNT MINIATURE | 1 | Abracon Corporation |
| C1210C27619PAC | Surface Mount Ceramic Chip Capacitors X5R Dielectric | 1 2 | Kemet Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|