Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCE-3E5B-012 Datasheet (PDF) - Unity Opto Technology

MCE-3E5B-012 Datasheet PDF - Unity Opto Technology
Part # MCE-3E5B-012
Download  MCE-3E5B-012 Download

File Size   74.62 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description 1310 nm LASER DIODE

MCE-3E5B-012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCE-3E5B-012 Datasheet PDF - Unity Opto Technology

Part # MCE-3E5B-012
Download  MCE-3E5B-012 Click to download

File Size   74.62 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description 1310 nm LASER DIODE

MCE-3E5B-012 Datasheet (HTML) - Unity Opto Technology

MCE-3E5B-012 Datasheet HTML 1Page - Unity Opto Technology MCE-3E5B-012 Datasheet HTML 2Page - Unity Opto Technology

MCE-3E5B-012 Product details

Description
The MCE-3E5B-012 is a low cost and high performance 1310 nm EEL ( Edge Emitting Laser ) and built-in InGaAs/InP PIN photodiode for optical output monitoring. This product is designed for short and medium distance optical fiber communication.
The MCE-3E5B-012 is compatible with industry standard wave or hand solder processes and eye safety .

Features
♦ 1310 nm typical emission wavelength
♦ High temperature operation no TEC required
♦ 5 mW CW operation at wide temp. range
   (-40~+80°C)
♦ Low threshold current ,low operating current
♦ PIN photodiode for monitoring laser output
♦ High reliability, long operation life and advanced
   packaging technology
   --- Multiple Quantum Well active layer
   --- Hermetically sealed active component
   --- 5.6 mm packaging with a ball lens cap

Applications
♦ Optical communication system
   --- Optical data links
   --- Optical LANs
   --- Subscriber loops




Similar Part No. - MCE-3E5B-012

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
More results


Similar Description - MCE-3E5B-012

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
logo
Emcore Corporation
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com