|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MCE-3L4F-002 - 1310 nm Flat Window Cap LED DIODE - Unity Opto Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MCE-3L4N-002 | 1310 nm No glass Cap LED DIODE | 1 2 | Unity Opto Technology |
| CLE436W | High Power Red LED - Minimal Infrared Content Flat Window Can Hermetically Sealed | 1 | List of Unclassifed Manufacturers |
| NDL7603P_00 | 1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE | 1 2 3 | NEC |
| OL3300W | 1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber | 1 2 3 | OKI electronic componets |
| MIC2292 | High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP | 1 2 3 4 5 More | Micrel Semiconductor |
| NTE3018 | Light Emitting Diode LED Red Diffused 5mm | 1 2 | NTE Electronics |
| NTE30088 | Light Emitting Diode LED SOT−23 Surface Mount | 1 2 | NTE Electronics |
| SEC1001 | 3x1.5 Surface Mount LED Flat Lens | 1 | Sanken electric |
| WP1034IDT | 2mm FLAT TOP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| IR19-21C-TR8 | 0.8mm Height Flat Top Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|