|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ST6215C - 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADC08B3000 | High Performance Low Power 8-Bit 3 GSPS A/D Converter with 4K Buffer | 1 2 3 4 5 More | National Semiconductor |
| AD9481 | 8-Bit 250 MSPS 3.3 V A/D Converter | 1 2 3 4 5 More | Analog Devices |
| ADC082500 | High Performance Low Power 8-Bit 2.5 GSPS A/D Converter | 1 2 3 4 5 More | National Semiconductor |
| AD15452 | 12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning | 1 2 3 4 5 More | Analog Devices |
| AD2S1205 | 12-Bit R/D Converter with Reference Oscillator | 1 2 3 4 5 More | Analog Devices |
| PCA9698 | 40-bit Fm+ I2C-bus advanced I/O port with RESET OE and INT | 1 2 3 4 5 More | NXP Semiconductors |
| ADUM5240 | Dual-Channel Isolators with Integrated DC/DC Converter 50 mW | 1 2 3 4 5 More | Analog Devices |
| MC54HC273A | OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET | 1 2 3 4 5 More | Motorola, Inc |
| MP7690A | CMOS PROGRAMMABLE INPUT RANGE 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Exar Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 ...More |
Link URL |
|
|