|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TU1000 - 10A Bridge Rectifiers - TAITRON Components Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FFB20UP20DN | 10A 200V Ultrafast Dual Rectifiers | 1 2 3 4 5 | Fairchild Semiconductor |
| DF005M_1 | 1.0A GLASS PASSIVATED BRIDGE RECTIFIERS | 1 2 3 | Diodes Incorporated |
| KBP200-G | Silicon Bridge Rectifiers | 1 2 3 | Comchip Technology |
| KBP201G_1 | Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
| KBU1001G | Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
| KBL401G_1 | Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
| TS4B01G_1 | Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
| SKB72_07 | Power Bridge Rectifiers | 1 2 3 | Semikron International |
| KBJ2000 | SILICON BRIDGE RECTIFIERS | 1 2 | Pan Jit International Inc. |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|