Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450X1M1R252A2A2 Datasheet (PDF) - CTS Corporation

450X1M1R252A2A2 Datasheet PDF - CTS Corporation
Part # 450X1M1R252A2A2
Download  450X1M1R252A2A2 Download

File Size   2623.34 Kbytes
Page   9 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors

450X1M1R252A2A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
450X1M1R252A2A2 Datasheet PDF - CTS Corporation

Part # 450X1M1R252A2A2
Download  450X1M1R252A2A2 Click to download

File Size   2623.34 Kbytes
Page   9 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors

450X1M1R252A2A2 Datasheet (HTML) - CTS Corporation

450X1M1R252A2A2 Datasheet HTML 1Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 2Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 3Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 4Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 5Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 6Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 7Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 8Page - CTS Corporation 450X1M1R252A2A2 Datasheet HTML 9Page - CTS Corporation



Similar Part No. - 450X1M1R252A2A2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Intel Corporation
450 INTEL-450 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
450 INTEL-450 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Laird Tech Smart Techno...
450-0004 LSTD-450-0004 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results


Similar Description - 450X1M1R252A2A2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CTS Corporation
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com