|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PS1K5U - 1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply - Wall Industries,Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PS1K5 | 1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply | 1 2 3 4 | Wall Industries,Inc. |
| PS1K2 | 1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply | 1 2 3 4 | Wall Industries,Inc. |
| PS1K2U | 1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply | 1 2 3 4 | Wall Industries,Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| AS-25 | 25W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| REL70 | 70 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| AS-40 | 40W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| REL110 | 110 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| AS-150 | 150W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| REL150 | 150 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|