|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DL4728A - Zener diode - Yangzhou yangjie electronic co., ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BZX84C2V4_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| EDZ18B_1 | Zener diode | 1 2 3 4 5 | Rohm |
| BZX84C2V4T_1 | 150mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| DDZ5V1BS | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| UMZ27N_1 | Zener diode | 1 2 3 | Rohm |
| SDZ15VWA | Zener Diode | 1 2 3 | AUK corp |
| 1SMB5914 | SURFACE MOUNT SILICON ZENER DIODE | 1 2 3 4 | Pan Jit International Inc. |
| TSZU52C2 | 150mW SMD Zener Diode | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| 1N5221B | Zener diode | 1 2 | Yangzhou yangjie electronic co., ltd |
| DTDG23YP_1 | 1A / 60V Digital transistor with built-in resistors and zener diode | 1 2 3 | Rohm |
Datasheet Page |
1 2 |
Link URL |
|
|