|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5223B - Zener diode - Yangzhou yangjie electronic co., ltd |
|
Click 1N5223B to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BZX84C2V4_1 | 350mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| EDZ18B_1 | Zener diode | Rohm |
| BZX84C2V4T_1 | 150mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| DDZ5V1BS | SURFACE MOUNT PRECISION ZENER DIODE | Diodes Incorporated |
| UMZ27N_1 | Zener diode | Rohm |
| SDZ15VWA | Zener Diode | AUK corp |
| 1SMB5914 | SURFACE MOUNT SILICON ZENER DIODE | Pan Jit International Inc. |
| TSZU52C2 | 150mW SMD Zener Diode | Taiwan Semiconductor Company, Ltd |
| DTDG23YP_1 | 1A / 60V Digital transistor with built-in resistors and zener diode | Rohm |
| DZ23C2V7_1 | 300mW DUAL SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| 1N5223B Datasheet | 1N5223B Cross Reference | 1N5223B Schematic | 1N5223B Distributor | 1N5223B Datenblatt | 1N5223B RoHS |
| 1N5223B Equivalent | 1N5223B Application Notes | 1N5223B Data Sheet | 1N5223B component | 1N5223B Fiche Technique | 1N5223B Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |