|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
2420-010 - TRIAXIAL DIGITAL ACCELEROMETER MODULE - ETC |
|
Click 2420-010 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2440-002 | TRIAXIAL ANALOG ACCELEROMETER MODULE | ETC |
| 2430-002 | TRIAXIAL ANALOG ACCELEROMETER MODULE | ETC |
| 2422-002 | TRIAXIAL ANALOG ACCELEROMETER MODULE | ETC |
| PI214MC-DR | 200DPI CIS Two Level Digital Output Module | AMI SEMICONDUCTOR |
| TORX177L | FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE | Toshiba Semiconductor |
| SCA2100-D01 | 2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE | VTI technologies |
| LIS202DL | MEMS motion sensor 2-axis - ¡¾2g/¡¾8g smart digital output ¡°piccolo¡± accelerometer | STMicroelectronics |
| PI216MC-DR | 200DPI CIS Two Level Digital Output Module | AMI SEMICONDUCTOR |
| PTD08A020W | 20-A 4.75-V to 14-V INPUT NON-ISOLATED WIDE-OUTPUT DIGITAL POWERTRAIN¢â MODULE | Texas Instruments |
| TORX177PL | FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE | Toshiba Semiconductor |
Link URL |
|
|
Related keyword |
| 2420-010 Datasheet | 2420-010 Cross Reference | 2420-010 Schematic | 2420-010 Distributor | 2420-010 Datenblatt | 2420-010 RoHS |
| 2420-010 Equivalent | 2420-010 Application Notes | 2420-010 Data Sheet | 2420-010 component | 2420-010 Fiche Technique | 2420-010 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |