|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
DC048B010T010FP - 48 V Input DC-DC Converter Modules - Vicor Corporation |
|
Click DC048B010T010FP to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| GS-R24F_08 | 2 A DC-DC converter modules | STMicroelectronics |
| ALQ25_03 | Single Output Open-Frame DC-DC Converter Module Industry Standard ¨ù Brick: 36V-75V Input / 5V Output | Astec America, Inc |
| ACT6305 | Low Input High Efficiency Synchronous Step-Up DC-DC Converter | ETC |
| APA06_02 | 3-5.5Vdc Input 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter | Astec America, Inc |
| PTQB425080 | 200-W 48-V INPUT 8-V OUTPUT SEMI-REGULATED ISOLATED DC-DC BUS CONVERTER | Texas Instruments |
| LM2621_05 | Low Input Voltage Step-Up DC-DC Converter | National Semiconductor |
| APE12M05 | 5V Input 1.5V Output 18W DC-DC Converter | Astec America, Inc |
| AV45C | 1.5V 1.8V 3.3V 5V Single Output 48V Input 100W DC-DC Converter | Astec America, Inc |
| GS-R12F_08 | 2 A DC-DC converter modules | STMicroelectronics |
| MC10EP446_07 | 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter | ON Semiconductor |
Link URL |
|
|
Related keyword |
| DC048B010T010FP Datasheet | DC048B010T010FP Cross Reference | DC048B010T010FP Schematic | DC048B010T010FP Distributor | DC048B010T010FP Datenblatt | DC048B010T010FP RoHS |
| DC048B010T010FP Equivalent | DC048B010T010FP Application Notes | DC048B010T010FP Data Sheet | DC048B010T010FP component | DC048B010T010FP Fiche Technique | DC048B010T010FP Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |