|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VCO3101 - 1133-1168MHz VCO - CTS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL3084 | 5GHz VCO | 1 2 3 4 | Intersil Corporation |
| AD9516-3 | 14-Output Clock Generator with Integrated 2.0 GHz VCO | 1 2 3 4 5 More | Analog Devices |
| HMC582LP5 | MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4 11.1 - 12.4 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| 1SV276_07 | VCO for UHF Band Radio | 1 2 3 | Toshiba Semiconductor |
| JDV2S05S | VCO for UHF band | 1 2 3 | Toshiba Semiconductor |
| HMC431LP4_06 | MMIC VCO w/ BUFFER AMPLIFIER 5.5 - 6.1 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CPLL66-3475-3475 | PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL phase lock loop and VCO | 1 2 3 4 5 More | CRYSTEK CORPORATION |
| CRBV55BE-1220-2250 | VCO voltage controlled oscillator . | 1 2 | CRYSTEK CORPORATION |
| CRBV55BE-1680-1740 | VCO voltage controlled oscillator . | 1 2 | CRYSTEK CORPORATION |
| CRBV55BE-2074-2284 | VCO voltage controlled oscillator | 1 2 | CRYSTEK CORPORATION |
Datasheet Page |
1 2 3 |
Link URL |
|
|