|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MUX-PO9824 - 7.5-30GHz Frequency Multiplier - United Monolithic Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC-C033 | GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE 24 - 33 GHz OUTPUT | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CY23S02_05 | Spread Aware⢠Frequency Multiplier and Zero Delay Buffer | 1 2 3 4 5 More | Cypress Semiconductor |
| CHX2192 | 30-60GHz Frequency Multiplier | 1 2 3 4 5 | United Monolithic Semiconductors |
| PL560-XX | Analog Frequency Multiplier | 1 2 3 4 5 More | PhaseLink Corporation |
| CY2302_05 | Frequency Multiplier and Zero Delay Buffer | 1 2 3 4 5 More | Cypress Semiconductor |
| HMC598 | GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 22 - 46 GHz OUTPUT | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CHX2193 | 7.5-15GHz Frequency Multiplier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| PL660 | Analog Frequency Multiplier | 1 2 3 4 5 More | PhaseLink Corporation |
| AMMP-6130 | 30 GHz Power Amplifier with Frequency Multiplier x2 | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| CHX3068-QDG | 15-30GHz Frequency Multiplier | 1 2 3 4 5 More | United Monolithic Semiconductors |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|