|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP70001 - 700MHz Low-loss SAW Filter 47MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP25001 | 250MHz Low-loss SAW Filter 45MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN7004L | 70MHz Low-loss SAW Filter 6MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| SP30001 | 300MHz Low-loss SAW Filter 45MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBS7002L | 70MHz Low-loss SAW Filter 0.5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN7005L | 70MHz Low-loss SAW Filter 10MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| SP35001 | 350MHz Low-loss SAW Filter 45MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| SP40001 | 400MHz Low-loss SAW Filter 45MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LB415DS01 | 415MHz Low-loss SAW Filter 9MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| SP45001 | 450MHz Low-loss SAW Filter 45MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| SP50001 | 500MHz Low-loss SAW Filter 45MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|