|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBT14064 - 140MHz SAW Filter 4.4MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBN140A08 | 140MHz SAW Filter 10MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN14081 | 140MHz SAW Filter 20MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS14059 | 140MHz High-Loss SAW Filter 0.26MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBT14051 | 140MHz SAW Filter 14MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN140A10 | 140MHz SAW Filter 12MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN14083 | 140MHz SAW Filter 14MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS14061 | 140MHz SAW Filter 0.47MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN140A12 | 140MHz SAW Filter 12MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN14084 | 140MHz SAW Filter 15MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS14063 | 140MHz High-Loss SAW Filter 1MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|