|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBT12020 - 120MHz SAW Filter 8MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBN03604 | 36MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT12005 | 120MHz SAW Filter 6MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN06603 | 66MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN34001 | 340MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBT11801 | 117.9MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN12002 | 120MHz SAW Filter 10MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN12014 | 120MHz High-Loss SAW Filter 12.7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN12015 | 120MHz SAW Filter 20.6MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN12017 | 120MHz SAW Filter 24.1MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN12018 | 120MHz SAW Filter 24MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|