|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBT11801 - 117.9MHz SAW Filter 8MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBN06603 | 66MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN34001 | 340MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LB171DS01 | 171.35MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN03602 | 36.15MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN03603 | 36.1MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN03604 | 36MHz SAW Filter 8MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| SF0836BA02513S | 836.5 MHz SAW Filter 25 MHz Bandwidth | 1 2 3 | Integrated Circuit Systems |
| LBS70A22 | 70MHz SAW Filter 2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS07073 | 69.99MHz IF SAW Filter 1.23MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A37 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|