|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBT10601 - 106.8MHz SAW Filter 8.1MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF0070CF51556T | 70 MHz SAW Bandpass Filter 7 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| SF0864BA02511S | 864 MHz SAW Filter 3 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| SP83701 | 836.5MHz RF SAW Filter 25MHz Bandwidth | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LBS07085 | 70MHz SAW Filter 1.23MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LB070DS23 | 70MHz SAW Filter 24MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A37 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN70A57 | 70MHz SAW Filter 30MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN04407 | 44.05MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN07702 | 76.8MHz SAW Filter 25MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|