|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CVHD-930-49.152 - 9X14 mm SMD, 3.3V, CMOS - Crystek Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CF33XX | 9x14 mm SMD 3.3V CMOS Clock Oscillator | 1 | Crystek Corporation |
| CFS33XX | Clock Oscillator With Standby Mode 9x14 mm SMD 3.3V CMOS | 1 | Crystek Corporation |
| CCHD-950 | Ultra-Low Phase Noise Clock Oscillator 9X14 mm SMD 3.3V CMOS | 1 | List of Unclassifed Manufacturers |
| CCPD-940 | Differential LVPECL XO 9X14 mm SMD 3.3V LVPECL | 1 2 | Crystek Corporation |
| CPLL-018 | Programmable Clock Oscillator PLL Based Design 5X7 mm SMD 3.3V CMOS | 1 | Crystek Corporation |
| CCLD-912 | Differential LVDS Clock Oscillator 9X14 mm SMD 3.3V LVDS | 1 | Crystek Corporation |
| CCPD-912 | Differential LVPECL Clock Oscillator 9X14 mm SMD 3.3V LVPECL | 1 | Crystek Corporation |
| CCPD-914 | Differential LVPECL Clock Oscillator 9X14 mm SMD 3.3V LVPECL | 1 | Crystek Corporation |
| CCPD-915 | Differential LVPECL Clock Oscillator FR5 9X14 mm SMD 3.3V LVPECL | 1 | Crystek Corporation |
| IDT71V256SA_04 | Lower Power 3.3V CMOS Fast SRAM 256K 32K x 8-Bit | 1 2 3 4 5 More | Integrated Device Technology |
Datasheet Page |
1 2 |
Link URL |
|
|