|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CVHD-931 - 9X14 mm SMD, 3.3V, CMOS High Performance CMOS VCXO - Crystek Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CF33XX | 9x14 mm SMD 3.3V CMOS Clock Oscillator | 1 | Crystek Corporation |
| CFS33XX | Clock Oscillator With Standby Mode 9x14 mm SMD 3.3V CMOS | 1 | Crystek Corporation |
| CVHD-930 | 9X14 mm SMD 3.3V CMOS | 1 2 | Crystek Corporation |
| CCHD-950 | Ultra-Low Phase Noise Clock Oscillator 9X14 mm SMD 3.3V CMOS | 1 | List of Unclassifed Manufacturers |
| CCPD-940 | Differential LVPECL XO 9X14 mm SMD 3.3V LVPECL | 1 2 | Crystek Corporation |
| HCMS-2919 | High Performance CMOS 5x7 AlphaNumeric GaN Blue Display | 1 2 3 4 5 More | AVAGO TECHNOLOGIES LIMITED |
| 96-22SURC | High performance SMD LED with Reflector | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| 97-22UYC | High performance SMD LED with Reflector | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| 93-21UTC | High Performance SMD White LED with Reflector | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| IS61LV25616_01 | 256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY | 1 2 3 4 5 More | Integrated Silicon Solution, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|