|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBS15010 - 150MHz High-Loss SAW Filter 10.1MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBT11524 | 115MHz High-Loss SAW Filter 10.1MHz Bandwidth | 1 2 3 | List of Unclassifed Manufacturers |
| LBS15008 | 150MHz High-Loss SAW Filter 4.00MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBS15009 | 150MHz High-Loss SAW Filter 4.60MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN12014 | 120MHz High-Loss SAW Filter 12.7MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS14059 | 140MHz High-Loss SAW Filter 0.26MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBS08701 | 87.5MHz High-Loss SAW Filter 1.62MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN14060 | 140MHz High-Loss SAW Filter 35.05MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBS14063 | 140MHz High-Loss SAW Filter 1MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| SF0070CN02353S | 70 MHz SAW Bandpass Filter 0.4 MHz bandwidth | 1 2 | Integrated Circuit Systems |
| SF0140BA03074S | 140 MHz SAW Filter 32 MHz bandwidth | 1 2 | Integrated Circuit Systems |
Datasheet Page |
1 2 3 |
Link URL |
|
|