|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LBS14701 - 147.5MHz SAW Filter 5MHz Bandwidth - SIPAT Co,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LBN70A49 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN05801 | 57.6MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBS14094 | 140MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A37 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN70A38 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN70A42 | 70MHz IF SAW Filter 5MHz Bandwidth | 1 2 3 4 | SIPAT Co,Ltd |
| LBN70A47 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| LBN70A48 | 70MHz SAW Filter 5MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
| SF0434BA02507S | 434 MHz SAW Filter 4 MHz Bandwidth | 1 2 | Integrated Circuit Systems |
| LBS70A18 | 70MHz SAW Filter 2MHz Bandwidth | 1 2 3 | SIPAT Co,Ltd |
Datasheet Page |
1 2 3 |
Link URL |
|
|