![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
635P2C2 - LVPECL or LVDS CLOCK OSCILLATOR - CTS Corporation |
|
Click Here View 635P2C2 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ACT9211 | LVPECL or LVDS Clock Oscillator | Advanced Crystal Technology |
| SY89538L_06 | 3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay | Micrel Semiconductor |
| CCLD-034 | 5x7mm SMD LVDS Clock Oscillator 3.3 Volts | Crystek Corporation |
| CCPD-915 | Differential LVPECL Clock Oscillator FR5 9X14 mm SMD 3.3V LVPECL | Crystek Corporation |
| CCLD-054X-20-622.080 | LVDS Clock Oscillator | Crystek Corporation |
| CCPD-920 | Differential LVPECL Clock Oscillator | Crystek Corporation |
| CCLD-912 | Differential LVDS Clock Oscillator 9X14 mm SMD 3.3V LVDS | Crystek Corporation |
| NBXDBA014 | 3.3 V 62.5 MHz / 125 MHz LVPECL Clock Oscillator | ON Semiconductor |
| CCLD-915 | Differential LVDS Clock Oscillator | Crystek Corporation |
| ACT9SKV-6 | LVPECL or LVDS Voltage Controlled Oscillator | Advanced Crystal Technology |
Link URL |
|
|
Related keyword |
| 635P2C2 Datasheet | 635P2C2 Cross Reference | 635P2C2 Schematic | 635P2C2 Distributor | 635P2C2 Datenblatt | 635P2C2 RoHS |
| 635P2C2 Equivalent | 635P2C2 Application Notes | 635P2C2 Data Sheet | 635P2C2 component | 635P2C2 Fiche Technique | 635P2C2 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |