![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SC3580 - SMALL-SIGNAL TRANSISTOR - Isahaya Electronics Corporation |
|
Click Here View 2SC3580 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BSS98 | SIPMOS Small-Signal Transistor | Infineon Technologies AG |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
| NSS12600CF8T1G | 12 V 6.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| KHB011N40P1 | N CHANNEL MOS FIELD EFFECT TRANSISTOR | KEC(Korea Electronics) |
| PBSS306PZ | 100 V 4.1 A PNP low VCEsat BISS transistor | NXP Semiconductors |
| IRG4PC50FPBF | Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR | International Rectifier |
| 2SD2402 | NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING | NEC |
| BLF369 | VHF power LDMOS transistor | NXP Semiconductors |
| 2SC5979 | NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications | Sanyo Semicon Device |
Link URL |
|
|
Related keyword |
| 2SC3580 Datasheet | 2SC3580 Cross Reference | 2SC3580 Schematic | 2SC3580 Distributor | 2SC3580 Datenblatt | 2SC3580 RoHS |
| 2SC3580 Equivalent | 2SC3580 Application Notes | 2SC3580 Data Sheet | 2SC3580 component | 2SC3580 Fiche Technique | 2SC3580 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |